Part Number Hot Search : 
2SC1162 A3515E PCA95 KIA7733S CX93510 UPC1060 2SJ606 AD8330
Product Description
Full Text Search
 

To Download MBR2100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro-Electro-Magnetical Tech Co.
SCHOTTKY DIE SPECIFICATION
General Description: 100 V 2 A ( Low Ir) ELECTRICAL CHARACTERISTICS DC Blocking Voltage: Ir=1mA(for wafer form) Ir=0.5mA (for dice form) Average Rectified Forward Current Maximum Instantaneous Forward Voltage @ 1 Amperes, Ta=25C @ 2 Amperes, 25C Maximum Instantaneous Reverse Voltage VR= 100 Volt, Ta=25C Maximum Junction Capacitance @ 0V, 1MHZ MAXIMUM RATINGS Nonrepetitive Peak Surge Current Operating Junction Temperature Storage Temperatures SYM VRRM IFAV VF MAX TYPE: MBR2100 Single Anode Spec. Limit 100 2 0.74 0.82 0.1 0.73 0.81 0.09 Die Sort 105 UNIT Volt Amp Volt
IR MAX Cj MAX IFSM Tj TSTG
mA pF
50 -65 to +125 -65 to +125
Amp C C
Specification apply to die only. Actual performance may degrade when assembled. MEMT does not guarantee device performance after assembly. Data sheet information is subjected to change without notice.
DICE OUTLINE DRAWING
DIM A B C D ITEM Die Size Top Metal Pad Size Passivation Seal Thickness (Min) Thickness (Max) um2 1245 1025 1203 254 305 Mil2 49.01 40.3 47.3 10 12
A
C
B
Top-side Metal SiO2 Passivation P+ Guard Ring Back-side Metal
PS:
(1)Cutting street width is around 80um(3.14mil). (2)Both of top-side and back-side metals are Ti/Ni/Ag.
D


▲Up To Search▲   

 
Price & Availability of MBR2100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X